PART |
Description |
Maker |
BL-SE500A-11G-XX BL-SE500A-11D-XX BL-SE500A-11UR-X |
127.0mm (5.0) numeric segment series, BIG SEGMENT DISPLAY
|
BetLux Electronics
|
BL-SE1600A BL-SE1600A-11D-XX |
406.4mm (16.0) numeric segment series, BIG SEGMENT DISPLAY
|
BetLux Electronics
|
BL-SE800A-11E-XX BL-SE800A-11S-XX BL-SE800A-11G-XX |
204.0mm (8.0) numeric segment series, BIG SEGMENT DISPLAY
|
BetLux Electronics
|
HDSP-A511-JK000 HDSP-H511-GH000 HDSP-F511-IJ000 HD |
7.6 mm(0.3 inch) Micro Bright Seven Segment Displays 40PC Series, Gage; Amplified; Range: 0 psi to 30.0 psi 十四点二毫米0.56英寸),七段显示 10 mm (0.4 inch) Seven Segment Displays 10毫米0.4英寸),七段显示 14.2 mm (0.56 inch) Seven Segment Displays 十四点二毫米0.56英寸),七段显示 ASDX Series, amplified, gage, 0 psi to 15 psi operating pressure, "G2" DIP package, straight port 十四点二毫米.56英寸),七段显示
|
Ecliptek, Corp. Toshiba, Corp. Cree, Inc.
|
MC14511BCPG |
BCD−To−Seven Segment Latch/Decoder/Driver CMOS SERIES, SEVEN SEGMENT DECODER/DRIVER, TRUE OUTPUT, PDIP16
|
ON Semiconductor
|
BL-Q80A-41G-XX |
20.3mm (0.8) Four digit and Over Seven Segment LED display series
|
BetLux Electronics
|
BL-Q28K-41Y-XX |
7.00mm (0.28) Four digit Seven Segment LED display series
|
BetLux Electronics
|
74HC4543PW 74HC4543DB-T 74HC4543PW-T |
HC/UH SERIES, SEVEN SEGMENT DECODER/DRIVER, CONFIGURABLE OUTPUT, PDSO16
|
NXP SEMICONDUCTORS
|
M38K27M4-XXXFP M38K27M4-XXXHP M38K29F8FP M38K29F8H |
38C8 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter
|
Mitsubishi Electric Corporation
|
HDSP-A15X HDSP-780X HDSP-750X HDSP-740X HDSP-A40X |
7.6 mm (0.3 inch) Micro Bright Seven Segment Displays HDSP-A153-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7501-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7803-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-A151-NO000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7401-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7802-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7403-DE000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7503-DD000 · 7.6mm (0.3 in) Micro Bright Seven Segment Displays HDSP-7507-CD000 · 7.6 mm(0.3 inch) Micro Bright Overflow Character Segment Displays HDSP-7801-JK000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays HDSP-7502-CD000 · 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays
|
Agilent(Hewlett-Packard... HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
LD3014APG LD3014AD LD3014AG LD3014AR LD3014AUB LD3 |
LD3014A/B Series - 0.30 inch Single Digit 7 Segment LED Display
|
LightKey Optoelectronics Ltd.
|
LD160011AB LD160011AG LD160011AD LD160011AO LD1600 |
LD160011A/B Series ?12 inch Large Assembly 7 Segment LED Display
|
LightKey Optoelectronics Ltd.
|